Part Number Hot Search : 
1206B PH955L C5914 24S15 KE220 SQ2222AF NSD10 MIW1114
Product Description
Full Text Search
 

To Download D817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2sD817 description with to-3 package high voltage ,high reliability wide area of safe operation applications high voltage power switching tv horizontal deflection output applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 6 v i c collector current 1.5 a p c collector power dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2sD817 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 6 v v (br)ceo collector-emitter breakdown voltage i c =10ma; i b =0 600 v v cesat collector-emitter saturation voltage i c =1.2a; i b =0.3a 5.0 v v besat base-emitter saturation voltage i c =1.2a; i b =0.3a 1.5 v i cbo collector cut-off current v cb =800v;i e =0 10 a i ebo emitter cut-off current v eb =6v; i c =0 10 a h fe dc current gain i c =0.3a ; v ce =5v 10 30
savantic semiconductor product specification 3 silicon npn power transistors 2sD817 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of D817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X